Part Number Hot Search : 
25MHZ MC10H302 MB110 2S09655 KTC812 2N5679 RMK816N 29LV160
Product Description
Full Text Search
 

To Download PA96 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
FEATURES
* * * * * * * * * HIGH VOLTAGE - 300 VOLTS HIGH OUTPUT CURRENT - 1.5 AMPS 70 WATT DISSIPATION CAPABILITY 175 MHz GAIN BANDWIDTH 250 V/-SECOND SLEW RATE PZT DRIVE MAGNETIC DEFLECTION PROGRAMMABLE POWER SUPPLIES 70V LINE AUDIO to 70W
APPLICATIONS
TYPICAL APPLICATION

8-PIN TO-3 PACKAGE STYLE CE
DESCRIPTION
The PA96 is a state of the art high voltage, high current operational amplifier designed to drive resistive, capacitive and inductive loads. For optimum linearity, the output stage is biased for class A/B operation. External compensation provides user flexibility in maximizing bandwidth at any gain setting. The safe operating area (SOA) can be observed for all operating conditions by selection of user programmable current limit. For continuous operation under load, a heatsink of proper rating is required. The hybrid integrated circuit utilizes thick film (cermet) resistors, ceramic capacitors and semiconductor chips to maximize reliability, minimize size and give top performance. Ultrasonically bonded aluminum wires provide reliable interconnections at all operating temperatures. The 8-pin TO-3 package is hermetically sealed and electrically isolated. The use of compressible isolation washers voids the warranty.

EQUIVALENT CIRCUIT DIAGRAM

PZT POSITION CONTROL The MOSFET output stage of the PA96 provides superior SOA performance compared to bipolar output stages where secondary breakdown is a concern. The extended SOA is ideal in applications where the load is highly reactive and may impose simultaneously both high voltage and high current across the output stage transistors. In the figure above a piezo-electric transducer is driven to high currents and high voltages by the PA96.
EXTERNAL CONNECTIONS









APEX MICROTECHNOLOGY CORPORATION * TELEPHONE (520) 690-8600 * FAX (520) 888-3329 * ORDERS (520) 690-8601 * EMAIL prodlit@apexmicrotech.com
1
PA96
D
PA96
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +VS to -VS OUTPUT CURRENT, continuous POWER DISSIPATION, internal, DC INPUT VOLTAGE, common mode INPUT VOLTAGE, differential TEMPERATURE, pin solder, 10s TEMPERATURE, junction2 TEMPERATURE RANGE, storage OPERATING TEMPERATURE, case TEST CONDITIONS1 MIN
ABSOLUTE MAXIMUM RATINGS SPECIFICATIONS
300V 1.5A, 70W +VS to -VS 15V 300C 150C -65 to 150C -55 to 125C TYP 1 20 MAX 5 50 20 200 0.1 50 UNITS mV V/C V/V pA pA/V pA G pF V V dB V RMS dB MHz 100 KHz V V V V A V/S S C/W C/W C/W
SPECIFICATIONS
PARAMETER INPUT OFFSET VOLTAGE OFFSET VOLTAGE vs. temperature OFFSET VOLTAGE vs. supply BIAS CURRENT, initial3 BIAS CURRENT vs. supply OFFSET CURRENT, initial INPUT RESISTANCE, DC INPUT CAPACITANCE COMMON MODE VOLTAGE RANGE COMMON MODE VOLTAGE RANGE COMMON MODE REJECTION, DC NOISE GAIN OPEN LOOP @ 15Hz GAIN BANDWIDTH PRODUCT @ 1MHz PHASE MARGIN PBW OUTPUT VOLTAGE SWING VOLTAGE SWING VOLTAGE SWING VOLTAGE SWING CURRENT, continuous, DC SLEW RATE SETTLING TIME, to 0.1% RESISTANCE, open loop THERMAL RESISTANCE, AC Junction to Case RESISTANCE, DC Junction to Case RESISTANCE, Junction to Ambient
Full temperature range
100 4 +VS - 13 -VS + 13 92 100KHz bandwidth, 1k Rs RL= 1k, CC=100pF VS = 150V, -VS = 150V, A = -100, RF = 100K Full temperature range, using recommended CC for gain. 250V p-p output, 100, +150V Supplies, Cc = 0pf IO = 1.5A IO = -1.5A IO = 0.1A IO = -0.1A AV = -100, 150V Supplies, 250 load negative slope, Positiveslope much faster AV = -100, 1V Step, CC = 0pF DC, 1A Load Full temperature range. f > 60Hz Full temperature range. f < 60Hz 96 100 60 6 114 175
+VS - 12 -VS + 12 +VS - 8 -VS + 8 1.5 200
+VS - 5.6 -VS + 10
250 2 7 1.2 1.6 30
10 1.3 1.8
POWER SUPPLY VOLTAGE 15 100 150 V CURRENT, Quiescent total 25 30 35 mA CURRENT, Quiescent output stage only 10 mA NOTES: * The specification of PA08A is identical to the specification for PA08 in applicable column to the left. 1. Long term operation at the maximum junction temperature will result in reduced product life. Derate power dissipation to achieve high MTTF. 2. The power supply voltage specified under typical (TYP) applies unless otherwise noted. 3. Doubles for every 10oC of temperature increase. 4. +VS and -VS denote the positive and negative supply rail respectively. 5. Rating applies only if output current alternates between both output transistors at a rate faster than 60Hz. The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or CAUTION subject to temperatures in excess of 850C to avoid generating toxic fumes.
APEX MICROTECHNOLOGY CORPORATION * 5980 NORTH SHANNON ROAD * TUCSON, ARIZONA 85741 * USA * APPLICATIONS HOTLINE: 1 (800) 546-2739
2
TYPICAL PERFORMANCE GRAPHS
PA96















































APEX MICROTECHNOLOGY CORPORATION * TELEPHONE (520) 690-8600 * FAX (520) 888-3329 * ORDERS (520) 690-8601 * EMAIL prodlit@apexmicrotech.com
3
PA96
D
PA96
GENERAL
Please read Application Note 1 "General Operating Considerations" which covers stability, supplies, heat sinking, mounting, current limit, SOA interpretation, and specification interpretation. Visit www.apexmicrotech.com for design tools that help automate tasks such as calculations for stability, internal power dissipation, current limit, heat sink selection, Apex's Application Notes library, Technical Seminar Workbook, and Evaluation Kits.
OPERATING CONSIDERATIONS
COMPENSATION TABLE
The following table tabulates recommended compensation capacitor values vs. gain. These values will typically result in less than 2% overshoot and a -3db small signal bandwidth of greater than 1MHz, except under operating conditions where uncompensated gain bandwidth is too low to support a 1MHz bandwidth. (See gain bandwidth vs. Plus power supply curves). Note that other factors such as capacitance in parallel with the feedback resistor may reduce circuit bandwidth from that determined from the gain bandwidth curve. Cc 150pf 51pf 33pf 22pf 10pf 5pf None Cc 330 pf 150pf 51pf 33pf 22pf 10pf 5pf None Inverting Gain From To 1 2 2 5 5 10 10 20 20 50 50 100 100 up Non-Inverting Gain From To 1 2 2 3 3 6 6 10 10 20 20 50 50 100 100 up
SPECIAL PRECAUTIONS
The PA96 operates with up 300V rail to rail voltage, and delivers amperes of current. Precautions should be taken for the safety of the user and the amplifier. Although the non-operating common mode input range is rail to rail, the differential input voltage must not exceed 15 V. Therefore; if the feedback ratio is less than 10, even if caused by disconnecting a signal source , typical power turn on transients can destroy the amplifier. Similarly in a voltage follower application a large differential transient can be generated if the slew rate of the input is greater than that of the voltage follower. Therefore it is prudent to clamp the input with series back to back diodes as shown below.

If experimentally optimizing the compensation capacitor, turn off the supplies and let them bleed to low voltage before installing each new value. Otherwise internal current pulses of up to 3 amps can be induced. Also, do you want your fingers around 300V? Essentially the full rail to rail power supply voltage may be applied to the compensation capacitor. A 400V COG or Mica capacitor is recommended.
CURRENT LIMIT
For proper operation the current limit resistor, Rcl, must be connected as shown in the external connections diagram. The minimum value is 0.2, with a maximum practical value of 100. For optimum reliability the resistor should be set as high as possible. The value is calculated as IL = 0.68V/Rcl. Note that the 0.68V is reduced by 2mV every C rise in temperature. Also note that the current limit can be set such that the SOA is exceeded on a continuous basis. As an example if the current limit was set at 1.5A and the supply was at 150V, a short to ground would produce 225 watts internal dissipation, greatly exceeding the 83 watt steady state SOA rating. Under some conditions of load and compensation the amplifier may oscillate at a low level when current limit is active, even though the amplifier is stable otherwise. The current will be limited to the programmed value in this situation. To minimize such occurrences, use a non-reactive resistor to program current limit.
POWER BANDWIDTH
The power bandwidth is 1/( x the negative edge slew time). The slew time is determined by the compensation capacitor, load, and internal device capacitance; it is independent of closed loop gain. The uncompensated power bandwidth is typically 100kHz for a 250Vp-p output signal into 100. It typically increases to above 300KHz with no load.
This data sheet has been carefully checked and is believed to be reliable, SHANNON ROAD * is assumed ARIZONA 85741 * USA * APPLICATIONS are subject 1 (800) 546-2739 APEX MICROTECHNOLOGY CORPORATION * 5980 NORTH however, no responsibility TUCSON, for possible inaccuracies or omissions. All specificationsHOTLINE: to change without notice.
4
PA96U REV B DECEMBER 2005
(c) 2005 Apex Microtechnology Corp.


▲Up To Search▲   

 
Price & Availability of PA96

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X